Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS02C-254-2L-07BE Datasheet (PDF) - CUI INC

DS02C-254-2L-07BE Datasheet PDF - CUI INC
Part # DS02C-254-2L-07BE
Download  DS02C-254-2L-07BE Download
File Size   333.29 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DIP SWITCH

DS02C-254-2L-07BE Datasheet (PDF)

Go To PDF Page Download Datasheet
DS02C-254-2L-07BE Datasheet PDF - CUI INC

Part # DS02C-254-2L-07BE
Download  DS02C-254-2L-07BE Click to download

File Size   333.29 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DIP SWITCH

DS02C-254-2L-07BE Datasheet (HTML) - CUI INC


DS02C-254-2L-07BE Product details

FEATURES
• 2.54 mm pitch
• convex or flat bottom option
• 2~12 pole options
• raised or flat actuator option
• through hole




Similar Part No. - DS02C-254-2L-07BE

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS02-254 CUI-DS02-254 Datasheet
329Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS02-254 SAMESKY-DS02-254 Datasheet
239Kb / 3P
DIP SWITCH
09/12/2024
logo
Delta Electronics, Inc.
DS02D0303A DELTA-DS02D0303A Datasheet
296Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS02D4824A DELTA-DS02D4824A Datasheet
296Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS02S0303A DELTA-DS02S0303A Datasheet
296Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Similar Description - DS02C-254-2L-07BE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6DR OMRON-A6DR Datasheet
568Kb / 4P
DIP Switch
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com