Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444 Datasheet (PDF) - Vishay Siliconix

DG444 Datasheet PDF - Vishay Siliconix
Part # DG444
Download  DG444 Download
File Size   185.45 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad SPST CMOS Analog Switches

DG444 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG444 Datasheet PDF - Vishay Siliconix

Part # DG444
Download  DG444 Click to download

File Size   185.45 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad SPST CMOS Analog Switches

DG444 Datasheet (HTML) - Vishay Siliconix


DG444 Product details

FEATURES
• Low on-resistance: 50 Ω
• Low leakage: 80 pA
• Low power consumption: 22 nW
• Fast switching action - tON: 120 ns
• Low charge injection
• DG211, DG212 upgrades
• TTL/CMOS logic compatible

BENEFITS
• Low signal errors and distortion
• Reduced power supply requirements
• Faster throughput
• Improved reliability
• Reduced pedestal errors
• Simple interfacing
• Wide supply ranges
- Single supply: +5 V to 36 V
- Dual supplies: ± 5 V to ± 20 V

APPLICATIONS
• Audio switching
• Battery powered systems
• Data acquisition
• Sample-and-hold circuits
• Telecommunication systems
• Automatic test equipment
• Single supply circuits
• Hard disk drives

DESCRIPTION
The DG444, DG445 monolithic quad analog switches are
designed to provide high speed, low error switching of
analog signals. The DG444 has a normally closed function.
The DG445 has a normally open function. Combining low
power (22 nW, typ.) with high speed (tON: 120 ns, typ.), the
DG444, DG445 are ideally suited for upgrading DG211,
DG212 sockets. Charge injection has been minimized on the
drain for use in sample-and-hold circuits.
To achieve high-voltage ratings and superior switching
performance, the DG444, DG445 are built on Vishay
Siliconix’s high-voltage silicon-gate process. An epitaxial
layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages to the supply levels when off.




Similar Part No. - DG444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG444 INTERSIL-DG444 Datasheet
103Kb / 10P
Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG444 INTERSIL-DG444 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
logo
Intersil Corporation
DG444 INTERSIL-DG444 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
More results


Similar Description - DG444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com