Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUCLEO-F334R8 Datasheet (PDF) - STMicroelectronics

NUCLEO-F334R8 Datasheet PDF - STMicroelectronics
Part # NUCLEO-F334R8
Download  NUCLEO-F334R8 Download
File Size   575.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo

NUCLEO-F334R8 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUCLEO-F334R8 Datasheet PDF - STMicroelectronics

Part # NUCLEO-F334R8
Download  NUCLEO-F334R8 Click to download

File Size   575.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo

NUCLEO-F334R8 Datasheet (HTML) - STMicroelectronics


NUCLEO-F334R8 Product details

Description
The X-NUCLEO-OUT02A1 industrial digital output expansion board for STM32 Nucleo is based on the ISO8200AQ galvanic isolated octal high-side smart power solid state-relay. It provides an affordable and easy-to-use solution for the development of 8-channel digital output modules, letting you easily evaluate the ISO8200AQ communication and industrial load driving features. The X-NUCLEO-OUT02A1 can be connected to a NUCLEO-F401RE or NUCLEOF334R8 development board via Arduino™ UNO R3 connectors. You can also evaluate the 16-channel digital output modules by connecting two XNUCLEO-OUT02A1 expansion boards and activating the daisy chaining feature. The X-NUCLEO-OUT02A1 interfaces with the STM32 controller via SPI and GPIO pins and is compatible with the Arduino™ UNO R3 (default configuration) and ST morpho (optional, not mounted) connectors. Industrial PLC functionality with 8 inputs and 16 outputs can be added with the XNUCLEO-PLC01A1 expansion board. Product summary Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo X-NUCLEOOUT02A1 Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo X-NUCLEOPLC01A1 Galvanic isolated octal high-side smart power solid state-relay ISO8200AQ STM32 Nucleo-64 development board with STM32F401RE/ STM32F334R8 MCU NUCLEOF401RE/ NUCLEOF334R8 Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo X-NUCLEO-OUT02A1 Data brief DB3767 - Rev 2 - November 2018 For further information contact your local STMicroelectronics sales office.

Features
■ Based on the ISO8200AQ whose main characteristics are: – Embedded 4kV galvanic isolation – Radio frequency communication between the logic and process sides for maximum noise immunity – Very low power dissipation (RON(MAX) = 220 mΩ) – Fast decay for inductive loads – 20 MHz SPI I/F on logic side – VCC power good diagnostics – Overload and overheating protections with thermal shutdown and diagnostics – QFN-32L (9x11x1 mm) package
■ 10.5 to 33 V operating voltage range
■ Green LED (x8) for output on/off status
■ Red LED for process supply power good fault
■ Red LED for overload and overheating
■ Supply reverse polarity protection
■ EMC compliance according to IEC61000-4-2, IEC61000-4-3, IEC61000-4-5
■ Compatible with STM32 Nucleo boards
■ Equipped with Arduino™ UNO R3 connectors
■ CE certified
■ RoHS and China RoHS compliant
■ WEEE compliant




Similar Part No. - NUCLEO-F334R8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F334R8 ETC2-NUCLEO-F334R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-F334R8 STMICROELECTRONICS-NUCLEO-F334R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-F334R8 STMICROELECTRONICS-NUCLEO-F334R8 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-F334R8 STMICROELECTRONICS-NUCLEO-F334R8 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
NUCLEO-F334R8 STMICROELECTRONICS-NUCLEO-F334R8 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results


Similar Description - NUCLEO-F334R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com