Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKAK1076TP Datasheet (PDF) - Littelfuse

LTKAK1076TP Datasheet PDF - Littelfuse
Part # LTKAK1076TP
Download  LTKAK1076TP Download
File Size   671.59 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diodes SMTO-218 - 10 kA > LTKAK10 series

LTKAK1076TP Datasheet (PDF)

Go To PDF Page Download Datasheet
LTKAK1076TP Datasheet PDF - Littelfuse

Part # LTKAK1076TP
Download  LTKAK1076TP Click to download

File Size   671.59 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diodes SMTO-218 - 10 kA > LTKAK10 series

LTKAK1076TP Datasheet (HTML) - Littelfuse




Similar Part No. - LTKAK1076TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LTKAK10 LITTELFUSE-LTKAK10 Datasheet
626Kb / 4P
The LTKAK10 series offer superior clamping characteristics over standard S.A.D. technologies by virtue of the Littelfuse Foldbak technology, which provides a clamping voltage lower than the avalanche voltage
More results


Similar Description - LTKAK1076TP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
Silicon TVS diodes
2009-02-18
logo
List of Unclassifed Man...
P6SMB6V8CA ETC2-P6SMB6V8CA Datasheet
352Kb / 4P
TVS Diodes P6SMB Series
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
Teledyne Technologies I...
AP1207 TELEDYNE-AP1207 Datasheet
167Kb / 2P
10 TO 1200 MHz SMTO-8 CASCADABLE AMPLIFIER
AS3094 TELEDYNE-AS3094 Datasheet
144Kb / 2P
SMTO-8 CASCADABLE AMPLIFIERS
AS6043 TELEDYNE-AS6043 Datasheet
145Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
logo
Littelfuse
SMTOAK2 LITTELFUSE-SMTOAK2 Datasheet
448Kb / 4P
Surface Mount - SMTO-263-2 kA
Revised: GD. 09/28/22
LTKAK2-L LITTELFUSE-LTKAK2-L Datasheet
500Kb / 4P
Modified SMTO-218 - 2 kA
Revised: FW.02/14/23
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
Bidirectional TVS Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com