| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
ADT6401
|
271Kb / 12P |
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0 |
|
AD620
|
643Kb / 21P |
Low Cost Low Power Instrumentation Amplifier
Rev. H |
 JSC ALFA. |
AS620
|
309Kb / 4P |
Low Cost Low Power Instrumentation Amplifier
|
 Texas Instruments |
INA350
|
3Mb / 45P |
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021 |
|
INA350
|
3Mb / 45P |
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022 |
|
INA351
|
3Mb / 40P |
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
DECEMBER 2022 |
|
INA351
|
3Mb / 41P |
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023 |
|
INA351A
|
1Mb / 30P |
INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
JUNE 2023 |
|
INA350
|
3Mb / 44P |
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023 |
|
INA351
|
3Mb / 41P |
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023 |