Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1975 Datasheet (PDF) - ams AG

AS1975 Datasheet PDF - ams AG
Part # AS1975
Download  AS1975 Download
File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Voltage Single/Dual/Quad Comparators

AS1975 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1975 Datasheet PDF - ams AG

Part # AS1975
Download  AS1975 Click to download

File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Voltage Single/Dual/Quad Comparators

AS1975 Datasheet (HTML) - ams AG


AS1975 Product details

General Description

The AS1970 - AS1975 are single/dual/quad comparators that operate with supplies from 2.5 to 5.5V making them perfect for all 3- and 5-volt applications. The comparators can also operate with dual supplies (±1.25 to ±2.75V), and require very little supply current (down to 8.5µA) with minimal propagation delay (300ns). Low input bias current (1.0pA, typ), low input offset voltage (0.5mV, typ), and internal hysteresis (3mV) make these comparators ideal for low-power single-cell applications including power-management and power-monitoring systems.



Key Features

CMOS Push/Pull Output Sinks and Sources 8mA (AS1970/AS1972/AS1974)

CMOS Open-Drain Output Voltage Extends Beyond VCC (AS1971/AS1973/AS1975)

Quiescent Supply Current: 8.5µA per Comparator

Internal Hysteresis: 3mV

3V/5V Logic-Level Translation

Single-Supply Operation: 2.5 to 5.5V

Common-Mode Input Voltage Range Extends 250mV Above the Rails

Low Propagation Delay: 300ns

Minimized Overall Power Consumption

Supply Current @1MHz Switching Frequency: 80µA

No Phase Reversal for Overdriven Inputs

Package Types:

 - 5-pin SOT23 – AS1970/AS1971

 - 8-pin MSOP – AS1972/AS1973

 - 14-pin TSSOP – AS1974/AS1975



Applications

The devices are ideal for battery-powered systems, mobile communication devices, zero-crossing detectors, window comparators, level translators, threshold detectors/discriminators, ground/supply-sensing applications, IR receivers or any other space-limited application with low power-consumption requirements.




Similar Part No. - AS1975

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1975 AMSCO-AS1975 Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
AS1975 AMSCO-AS1975 Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
AS1975-T AMSCO-AS1975-T Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
AS1975-T AMSCO-AS1975-T Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
More results


Similar Description - AS1975

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
ams AG
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com