| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
ICS843031
|
211Kb / 11P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004 |
|
ICS843051
|
241Kb / 15P |
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004 |
|
ICS843001BI
|
233Kb / 13P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005 |
|
ICS843251-04
|
145Kb / 10P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005 |
|
ICS843011
|
235Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. B DECEMBER 10, 2004 |
|
ICS843021
|
189Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005 |
|
ICS843021I-01
|
219Kb / 14P |
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004 |
|
ICS843022
|
219Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004 |
|
ICS843023I
|
196Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005 |
|
ICS843252-04
|
161Kb / 12P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006 |