| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
ICS843003
|
295Kb / 17P |
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004 |
|
ICS843001I-22
|
211Kb / 17P |
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005 |
|
ICS843002I
|
211Kb / 16P |
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
|
|
ICS843002I-01
|
208Kb / 15P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
|
|
ICS843003I-01
|
197Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005 |
|
ICS843004-01
|
227Kb / 15P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005 |
|
ICS843004I
|
256Kb / 15P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005 |
|
ICS843004I-04
|
186Kb / 14P |
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006 |
|
ICS843020-01
|
218Kb / 20P |
FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B APRIL 14, 2005 |
|
ICS843252
|
196Kb / 15P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005 |