Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC986A Datasheet (PDF) - Analog Devices

HMC986A Datasheet PDF - Analog Devices
Part # HMC986A
Download  HMC986A Download
File Size   324.28 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch

HMC986A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC986A Datasheet PDF - Analog Devices

Part # HMC986A
Download  HMC986A Click to download

File Size   324.28 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch

HMC986A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC986A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC986 HITTITE-HMC986 Datasheet
736Kb / 8P
GaAs MMIC REFLECTIVE
More results


Similar Description - HMC986A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com