Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M50FLW040BK1 Datasheet (PDF) - STMicroelectronics

M50FLW040BK1 Datasheet PDF - STMicroelectronics
Part # M50FLW040BK1
Download  M50FLW040BK1 Download
File Size   857.2 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory

M50FLW040BK1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50FLW040BK1 Datasheet PDF - STMicroelectronics

Part # M50FLW040BK1
Download  M50FLW040BK1 Click to download

File Size   857.2 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory

M50FLW040BK1 Datasheet (HTML) - STMicroelectronics


M50FLW040BK1 Product details

Summary description

The M50FLW040 is a 4 Mbit (512 Kb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing in production lines, an optional 12 V power supply can be used to reduce the erasing and programming time.

The memory is divided into 8 Uniform Blocks of 64 KBytes each, three of which are divided into 16 uniform sectors of 4 KBytes each (see Appendix A for details). All blocks and sectors can be erased independently. So, it is possible to preserve valid data while old data is erased. Blocks can be protected individually to prevent accidental program or erase commands from modifying their contents.

Program and erase commands are written to the Command Interface of the memory. An on chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are required to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set to control the memory is consistent with the JEDEC standards.



Feature summary

■ Flash memory

   – Compatible with either the LPC interface or the FWH interface (Intel Spec rev1.1) used in PC BIOS applications

   – 5 Signal Communication Interface supporting Read and Write Operations

   – 5 Additional General Purpose Inputs for platform design flexibility

   – Synchronized with 33MHz PCI clock

■ 8 blocks of 64 Kbytes

   – 5 blocks of 64 KBytes each

   – 3 blocks, subdivided into 16 uniform sectors of 4 KBytes each

      Two blocks at the top and one at the bottom (M50FLW040A)

      One block at the top and two at the bottom (M50FLW040B)

■ Enhanced security

   – Hardware Write Protect Pins for Block Protection

   – Register-based Read and Write Protection

■ Supply voltage

   – VCC = 3 to 3.6V for Program, Erase and Read Operations

   – VPP = 12V for Fast Program and Erase

■ Two interfaces

   – Auto Detection of Firmware Hub (FWH) or Low Pin Count (LPC) Memory Cycles for Embedded Operation with PC Chipsets

   – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility.

■ Programming time: 10 µs typical

■ Program/Erase Controller

   – Embedded Program and Erase algorithms

   – Status Register Bits

■ Program/Erase Suspend

   – Read other Blocks/Sectors during Program Suspend

   – Program other Blocks/Sectors during Erase Suspend

■ Electronic signature

   – Manufacturer Code: 20h

   – Device Code (M50FLW040A): 08h

   – Device Code (M50FLW040B): 28h

■ Packages

   – ECOPACK® (RoHS compliant)



 




Similar Part No. - M50FLW040BK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040BK5G STMICROELECTRONICS-M50FLW040BK5G Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040BK5P STMICROELECTRONICS-M50FLW040BK5P Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040BK5TG STMICROELECTRONICS-M50FLW040BK5TG Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040BK5TP STMICROELECTRONICS-M50FLW040BK5TP Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
More results


Similar Description - M50FLW040BK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
13-Feb-2003
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
26-Oct-2006
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com