Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTD2020 Datasheet (PDF) - List of Unclassifed Manufacturers

RTD2020 Datasheet PDF - List of Unclassifed Manufacturers
Part # RTD2020
Download  RTD2020 Download
File Size   84.22 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FLAT PANEL DISPLAY CONTROLLER

RTD2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTD2020 Datasheet PDF - List of Unclassifed Manufacturers

Part # RTD2020
Download  RTD2020 Click to download

File Size   84.22 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FLAT PANEL DISPLAY CONTROLLER

RTD2020 Datasheet (HTML) - List of Unclassifed Manufacturers


RTD2020 Product details

[REALTEK]



General Description

The Realtek RTD2020 is a highly-integrated single chip IC controller solution for producing real time, top quality digital video and computer graphic images on LCD monitor/flat panel displays, such as XGA LCD monitors. LCD monitors and flat panel displays provide a sharp, flicker free display while saving space and energy for desktop PC applications. The RTD2020 provides an ideal interface between industry standard digital graphics controllers and a wide variety of LCD panel devices. Flat panel devices using the RTD2020 can support all incoming VESA modes and interface to any TFT LCD device, up to SXGA (1280x1024) resolution.

For increased flexibility, the RTD2020 supports both analog and digital interface inputs. The embedded 8-bit triple-channel 140MHz high-quality Analog to Digital Converter (ADC) and PLL support up to a 1280x1024 75Hz RGB analog input signal. The digital interface can support Transmission Minimized Differential Signaling (TMDS) receiver or Video-Decoder or DVO digital output signals up to 160MHz.



Features

General

• Integrated Spread-Spectrum DCLK PLL

• Integrated 8-bit triple-channel 140MHz ADC/PLL

• Integrated programmable timing controller

• Integrated microcontroller compatible with the standard 8032

• 24 General-purpose input/outputs (GPIOs)

• Embedded fully functional multi-language OSD support

• Embedded DDC supports DDC1, DDC2B, and DDC/CI

• Supports ISP functionality on DDC channel

• 3 Embedded programmable PWM

• Zoom scaling up and down

• Embedded Pattern Generator

• No external memory required

• Requires only one crystal to generate all timing



Analog RGB Input Interface

• Supports up to 140MHz (SXGA @ 75Hz)

• Supports Sync On Green (SOG) and de-composite sync modes

• On-chip high-performance PLLs



Digital Input Interface

• Supports 24-bit pixel digital input up to 160MHz

• Supports 12-bit DVO input

• Supports 16/24-bit YUV422/444 video format input

• Supports 8-bit video format input

• Built-in YUV to RGB color space converter & de-interlace

• Capture window auto position & auto phase tracking capability



Auto Detection /Auto Calibration

• Input format detection

• Compatibility with standard VESA mode and support for user-defined mode

• Smart engine for Phase and Image position calibration



Scaling

• Fully programmable zoom ratios

• Independent horizontal/vertical scaling

• Advanced zoom algorithm provides high image quality

• Sharpness/Smooth filter enhancement



Color Processor

• Digital brightness and contrast adjustments

• Gamma correction

• Dithering logic for 18-bit panel color depth enhancement



Output Interface

• Fully programmable, built-in display timing generator

• 1 and 2-pixel/clock panel support, up to 140MHz

• Pin swap, odd/even swap and red/blue group swap

• Programmable TCON function support

• Reduced EMI and Power saving features



Host Interface

• Supports 3/4 pins MCU serial bus interface

• Support parallel bus interface while using internal MCU



Embedded OSD

• 12*18 dot font per character

• Embedded 256 characters and symbols including 16 multi-color symbols

• User font RAM, which allows programming of 128 special symbols

• 7 background colors and 8 character colors

• Programmable width and height control

• 4 background windows

• Selectable shadow color for windows and characters

• Intensity, blinking effects

• Fade-in/out effect

• Frame shadowing and independent row shadowing

• Frame bordering and independent row bordering

• 4 channel 8-bits PWM output, and selectable PWM clock frequency

• Row-to-Row spacing to maintain constant display height

• Window alpha-blending effect



Power & Technology

• 2.5V/3.3V power supply

• 0.25µm CMOS process; 208-pin PQFP package



 




Similar Part No. - RTD2020

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RTD20 EDI-RTD20 Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
List of Unclassifed Man...
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
More results


Similar Description - RTD2020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9211 NSC-CS9211 Datasheet
1Mb / 62P
Geode CS9211 Graphics Companion Flat Panel Display Controller
logo
List of Unclassifed Man...
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
XGA Flat Panel Controller
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
COLOR PANEL DISPLAY CONTROLLER
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
XGA Flat Panel Controller
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
MTL003 ETC-MTL003 Datasheet
447Kb / 64P
SXGA Flat Panel Controller
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
SXGA Flat Panel Controller
logo
Intersil Corporation
TW8813B INTERSIL-TW8813B Datasheet
97Kb / 2P
TFT Flat Panel Controller
January 5, 2015
logo
Realtek Semiconductor C...
RTD2660 REALTEK-RTD2660 Datasheet
5Mb / 401P
Flat Panel Display Controller
RTD2522 REALTEK-RTD2522 Datasheet
844Kb / 94P
Flat Panel Display Controller
June 20, 2003 Revision 0.81
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com