Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYR-02T Datasheet (PDF) - List of Unclassifed Manufacturers

SYR-02T Datasheet PDF - List of Unclassifed Manufacturers
Part # SYR-02T
Download  SYR-02T Download
File Size   38.58 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Disconnectable Crimp style Wire-to-wire connectors

SYR-02T Datasheet (PDF)

Go To PDF Page Download Datasheet
SYR-02T Datasheet PDF - List of Unclassifed Manufacturers

Part # SYR-02T
Download  SYR-02T Click to download

File Size   38.58 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Disconnectable Crimp style Wire-to-wire connectors

SYR-02T Datasheet (HTML) - List of Unclassifed Manufacturers


SYR-02T Product details

[JST Crimp]

Disconnectable Crimp style Wire-to-wire connectors

The RCY connector is a compact, 2.5mm (.098") pitch wire-to-wire connector for use with a variety of circuits, from signal circuits to power supply circuits, in electrical equipment which is becoming more and more compact. The employment of a free spring contact method ensures stable contact performance, and superb working efficiency of insertion and removal.

Features
• Use of a free spring contact for superb creep characteristics
   The contact section features a free spring contact construction, which effectively minimizes stress (creep) caused by repeated insertion and removal at high temperatures. Connector insertion and removal is also smooth, ensuring stable connection performance.
• Compact design
   The RCY connector is designed to be compact. When mated, its overall length is just 23.3mm (.917") and its thickness is 4.0mm (.157").
• Housing lock
   Because a lock is provided inside the housing, external force is not applied to the lock.




Similar Part No. - SYR-02T

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SYR-02T JST-SYR-02T Datasheet
86Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SYR-02TV JST-SYR-02TV Datasheet
86Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
More results


Similar Description - SYR-02T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
BHS JST-BHS Datasheet
122Kb / 2P
3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com