Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10DM60C Datasheet (PDF) - Vishay Siliconix

V10DM60C Datasheet PDF - Vishay Siliconix
Part # V10DM60C
Download  V10DM60C Download
File Size   110.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 2.5 A

V10DM60C Datasheet (PDF)

Go To PDF Page Download Datasheet
V10DM60C Datasheet PDF - Vishay Siliconix

Part # V10DM60C
Download  V10DM60C Click to download

File Size   110.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 2.5 A

V10DM60C Datasheet (HTML) - Vishay Siliconix


V10DM60C Product details

• Trench MOS Schottky technology
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available:
- Automotive ordering code: base P/NHM3




Similar Part No. - V10DM60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10DM60C VISHAY-V10DM60C Datasheet
111Kb / 5P
Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 2.5 A
14-Mar-2019
V10DM60C VISHAY-V10DM60C_V01 Datasheet
111Kb / 5P
Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 2.5 A
14-Mar-2019
More results


Similar Description - V10DM60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
VT5200 VISHAY-VT5200_15 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
14-Aug-13
VT1045C-M3 VISHAY-VT1045C-M3 Datasheet
135Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
12-May-16
VT10200C-M3 VISHAY-VT10200C-M3 Datasheet
158Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
01-Dec-16
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
09-Sep-13
VBT1045C-M3 VISHAY-VBT1045C-M3 Datasheet
102Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
30-Apr-13
VE1045C-E3 VISHAY-VE1045C-E3 Datasheet
133Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.37 V at IF = 2.5 A
20-Dec-13
VE2045C-E3 VISHAY-VE2045C-E3 Datasheet
122Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
20-Dec-13
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
22-Nov-13
V4010PGW VISHAY-V4010PGW Datasheet
90Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
22-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com