Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMCLP5E Datasheet (PDF) - Analog Devices

HMCLP5E Datasheet PDF - Analog Devices
Part # HMCLP5E
Download  HMCLP5E Download
File Size   381.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz

HMCLP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMCLP5E Datasheet PDF - Analog Devices

Part # HMCLP5E
Download  HMCLP5E Click to download

File Size   381.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz

HMCLP5E Datasheet (HTML) - Analog Devices




Similar Part No. - HMCLP5E

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Stackpole Electronics, ...
HMC SEI-HMC Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
logo
Analog Devices
HMC-459 AD-HMC-459 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Visual Communications C...
HMC-461 VCC-HMC-461 Datasheet
93Kb / 1P
10MM ROUND STANDARD FRESNEL LENS
logo
Analog Devices
HMC-464 AD-HMC-464 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMCLP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5_11 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5_11 Datasheet
344Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC530LP5 AD-HMC530LP5 Datasheet
362Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com