Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-USBPD27S Datasheet (PDF) - STMicroelectronics

STEVAL-USBPD27S Datasheet PDF - STMicroelectronics
Part # STEVAL-USBPD27S
Download  STEVAL-USBPD27S Download
File Size   201.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design

STEVAL-USBPD27S Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-USBPD27S Datasheet PDF - STMicroelectronics

Part # STEVAL-USBPD27S
Download  STEVAL-USBPD27S Click to download

File Size   201.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design

STEVAL-USBPD27S Datasheet (HTML) - STMicroelectronics


STEVAL-USBPD27S Product details

Description
The STEVAL-USBPD27S 27 W AC-DC adapter reference design works as USB Power Delivery Provider with a single USB Type-C port supporting Programmable Power Supply (PPS) and featuring adaptive synchronous rectification. Thanks to a minimal bill of materials, it allows users to easily design compact and cost-effective adapters. The reference design accepts a wide range of input voltage and delivers two well regulated fixed PDOs (5V@5A, 9V@3A) and two APDOs (5VProg@5A and 9VProg@3A), finely adjusted to the advertised voltage range (Programmable Power Supply or PPS), thus managing the VCONN, as requested by the USB Power Delivery specification. The adapter meets the most stringent energy saving recommendations (EU CoC – Tier 2 ver. 5 and DOE Level VI) ensuring < 40mW of no load power consumption. All PDOs are compliant with CoC ver. 5 – Tier 2 and DOE Level VI requirements except the 9VProg@3A APDO, guaranteeing the compliance with the minimum four-point average efficiency in active mode. The system has been tested to verify conducted noise emissions and compliance with the EN55022 (Class B) using standard average detectors, at half and full load with input voltage of 115 VAC and 230 VAC. Compact 27W USB Type-C™ Power Delivery 3.0 with PPS adapter reference design STEVAL-USBPD27S Data brief DB4227 - Rev 2 - November 2020 For further information contact your local STMicroelectronics sales office.

Features
■ USB Power Delivery 3.0 Compliant
■ Universal input mains voltage range: 90 VAC to 264 VAC (line frequency: 45 Hz to 65 Hz)
■ PD Output – Two fixed PDOs: 5V@5A, 9V@3A – Two APDOs (PPS): 5VProg@5A, 9VProg@3A
■ PPS Mode: 20 mV step for CV, 50 mA step for CC
■ Output Power: 27 W
■ Minimum four-point average efficiency in active mode compliant with CoC ver. 5 – Tier 2 and DOE Level VI requirement
■ < 40 mW no-load standby power
■ Adaptive Synchronous Rectification controlled by on-board MCU
■ Load feed-forward
■ OVP, UVP, OC, short-circuit protections
■ ESD Protection exceeding IEC61000-4-2 Level 4 on CC lines
■ Immunity against surge current on VBUS pin up to 35 A in a 8/20 µs waveform, according to IEC61000-4-5
■ Compliant with EN55022 (Class B) standard for conducted noise emissions
■ Compact form factor: – 59x35x21mm dimensions – 10.2 W/inch3 power density
■ RoHS compliant




Similar Part No. - STEVAL-USBPD27S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
More results


Similar Description - STEVAL-USBPD27S

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
STMicroelectronics
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com