Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844 Datasheet (PDF) - ON Semiconductor

UC3844 Datasheet PDF - ON Semiconductor
Part # UC3844
Download  UC3844 Download
File Size   376.23 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE CURRENT MODE CONTROLLERS

UC3844 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3844 Datasheet PDF - ON Semiconductor

Part # UC3844
Download  UC3844 Click to download

File Size   376.23 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE CURRENT MODE CONTROLLERS

UC3844 Datasheet (HTML) - ON Semiconductor


UC3844 Product details

The UC3844, UC3845 series are high performance fixed frequency current mode controllers. They are specifically designed for Off−Line and DC−to−DC converter applications offering the designer a cost effective solution with minimal external components. These integrated circuits feature an oscillator, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totem pole output ideally suited for driving a power MOSFET.

Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle−by−cycle current limiting, a latch for single pulse metering, and a flip−flop which blanks the output off every other oscillator cycle, allowing output dead times to be programmed for 50% to 70%.

These devices are available in an 8−pin dual−in−line plastic package as well as the 14−pin plastic surface mount (SOIC−14). The SOIC−14 package has separate power and ground pins for the totem pole output stage.

The UCX844 has UVLO thresholds of 16 V (on) and 10 V (off), ideally suited for off−line converters. The UCX845 is tailored for lower voltage applications having UVLO thresholds of 8.5 V (on) and 7.6 V (off).



Features

• Current Mode Operation to 500 kHz Output Switching Frequency

• Output Deadtime Adjustable from 50% to 70%

• Automatic Feed Forward Compensation

• Latching PWM for Cycle−By−Cycle Current Limiting

• Internally Trimmed Reference with Undervoltage Lockout

• High Current Totem Pole Output

• Input Undervoltage Lockout with Hysteresis

• Low Startup and Operating Current

• Direct Interface with ON Semiconductor SENSEFET™ Products

• Pb−Free Packages are Available



 




Similar Part No. - UC3844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
STMicroelectronics
UC3844 STMICROELECTRONICS-UC3844 Datasheet
96Kb / 11P
CURRENTMODE PWM CONTROLLER
Oct-1998
logo
Texas Instruments
UC3844 TI-UC3844 Datasheet
433Kb / 8P
Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3844 FAIRCHILD-UC3844 Datasheet
127Kb / 12P
SMPS Controller
logo
Texas Instruments
UC3844 TI-UC3844 Datasheet
937Kb / 3P
Current Mode PWM Controller
More results


Similar Description - UC3844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com