Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS213 Datasheet (PDF) - Neotec Semiconductor Ltd.

CS213 Datasheet PDF - Neotec Semiconductor Ltd.
Part # CS213
Download  CS213 Download
File Size   336.25 Kbytes
Page   13 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Protection IC for 1-Cell Battery Pack

CS213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS213 Datasheet PDF - Neotec Semiconductor Ltd.

Part # CS213
Download  CS213 Click to download

File Size   336.25 Kbytes
Page   13 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Protection IC for 1-Cell Battery Pack

CS213 Datasheet (HTML) - Neotec Semiconductor Ltd.


CS213 Product details

Description
The CS213 is the 1-cell protection IC for
lithium-ion/lithium-polymer rechargeable battery pack.
This protection IC was developed for use with
lithium-ion/lithium polymer 1-cell serial batteries.
It detects over-charge, over-discharge, discharge
over-current and other abnormalities, and functions to
protect the battery by turning off the external FETs.
The IC also has a built-in timer circuit (for detection
delay times), so fewer external parts can be used in
protection circuit configuration.
The tiny package is especially suitable for compact
portable device, i.e. slim mobile phone and Bluetooth
earphone.

Features
„ Detection Accuracy
ƒ Over-charge Detection: ±40mV
ƒ Over-discharge Detection: ±100mV
ƒ Discharge Over-current Detection: ±20mV
„ High Withstand Voltage
ƒ Absolute maximum ratings: 28V
(V- pin and CO pin)
„ Ultra Small Package
ƒ SOT-23-6

Application
„ Mobile phone battery packs
„ Digital camera battery packs
„ Bluetooth earphone Li-ion battery module




Similar Part No. - CS213

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS2132 HVPSI-CS2132 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
More results


Similar Description - CS213

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com