Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4071BEY Datasheet (PDF) - STMicroelectronics

HCF4071BEY Datasheet PDF - STMicroelectronics
Part # HCF4071BEY
Download  HCF4071BEY Download
File Size   142.53 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 INPUT OR GATE

HCF4071BEY Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4071BEY Datasheet PDF - STMicroelectronics

Part # HCF4071BEY
Download  HCF4071BEY Click to download

File Size   142.53 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 INPUT OR GATE

HCF4071BEY Datasheet (HTML) - STMicroelectronics


HCF4071BEY Product details

DESCRIPTION
The HCC4071B/4072B and 4075B (extended temperature range) and HCF4071B/4072B and 4075B (intermediate temperature range) are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage.
   
4071B - QUAD 2–INPUT OR GATE
4072B - QUAD 4–INPUT OR GATE
4075B - TRIPLE 3–INPUT OR GATE
   
■ MEDIUM-SPEED OPERATION tPLH, tPHL =
    60ns. (typ.) AT VDD = 10V
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND
    25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD No. 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
   




Similar Part No. - HCF4071BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4071BEY STMICROELECTRONICS-HCF4071BEY Datasheet
281Kb / 11P
OR GATE
Jun-1989
More results


Similar Description - HCF4071BEY

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com