Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1013MH Datasheet (PDF) - STMicroelectronics

T1013MH Datasheet PDF - STMicroelectronics
Part # T1013MH
Download  T1013MH Download
File Size   306.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

T1013MH Datasheet (PDF)

Go To PDF Page Download Datasheet
T1013MH Datasheet PDF - STMicroelectronics

Part # T1013MH
Download  T1013MH Click to download

File Size   306.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

T1013MH Datasheet (HTML) - STMicroelectronics


T1013MH Product details

IT(RMS) = 25A

VDRM = 400V to 800V

High surge current capability




Similar Part No. - T1013MH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
T1013 NXP-T1013 Datasheet
142Kb / 3P
Communications Processors
2014-2015
logo
Sumida Corporation
T10136 SUMIDA-T10136 Datasheet
139Kb / 2P
ADSL Transformer < Pin Type: EP Series>
logo
FCI connector
T10136 FCI-CONNECTOR-T10136 Datasheet
453Kb / 5P
PLCC SMT Socket
More results


Similar Description - T1013MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
STANDARD TRIACS
Mar-1995
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
STANDARD TRIACS
Oct-1998
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
STANDARD TRIACS
Mar-1995
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
STANDARD TRIACS
Jan-1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com