Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32G071R8 Datasheet (PDF) - STMicroelectronics

STM32G071R8 Datasheet PDF - STMicroelectronics
Part # STM32G071R8
Download  STM32G071R8 Download
File Size   2185.35 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM

STM32G071R8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32G071R8 Datasheet PDF - STMicroelectronics

Part # STM32G071R8
Download  STM32G071R8 Click to download

File Size   2185.35 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM

STM32G071R8 Datasheet (HTML) - STMicroelectronics


STM32G071R8 Product details

Features
■ Core: Arm® 32-bit Cortex®-M0+ CPU, frequency up to 64 MHz
■ -40°C to 85°C/105°C/125°C operating temperature
■ Memories – Up to 128 Kbytes of Flash memory with protection and securable area – 36 Kbytes of SRAM (32 Kbytes with HW parity check)
■ CRC calculation unit
■ Reset and power management – Voltage range: 1.7 V to 3.6 V – Power-on/Power-down reset (POR/PDR) – Programmable Brownout reset (BOR) – Programmable voltage detector (PVD) – Low-power modes: Sleep, Stop, Standby, Shutdown – VBAT supply for RTC and backup registers
■ Clock management – 4 to 48 MHz crystal oscillator – 32 kHz crystal oscillator with calibration – Internal 16 MHz RC with PLL option (±1 %) – Internal 32 kHz RC oscillator (±5 %)
■ Up to 60 fast I/Os – All mappable on external interrupt vectors – Multiple 5 V-tolerant I/Os
■ 7-channel DMA controller with flexible mapping
■ 12-bit, 0.4 µs ADC (up to 16 ext. channels) – Up to 16-bit with hardware oversampling – Conversion range: 0 to 3.6V
■ Two 12-bit DACs, low-power sample-and-hold
■ Two fast low-power analog comparators, with programmable input and output, rail-to-rail
■ 14 timers (two 128 MHz capable): 16-bit for advanced motor control, one 32-bit and five 16- bit general-purpose, two basic 16-bit, two low- power 16-bit, two watchdogs, SysTick timer
■ Calendar RTC with alarm and periodic wakeup from Stop/Standby/Shutdown
■ Communication interfaces – Two I2C-bus interfaces supporting Fast- mode Plus (1 Mbit/s) with extra current sink, one supporting SMBus/PMBus and wakeup from Stop mode – Four USARTs with master/slave synchronous SPI; two supporting ISO7816 interface, LIN, IrDA capability, auto baud rate detection and wakeup feature – One low-power UART – Two SPIs (32 Mbit/s) with 4- to 16-bit programmable bitframe, one multiplexed with I2S interface – HDMI CEC interface, wakeup on header
■ USB Type-C™ Power Delivery controller
■ Development support: serial wire debug (SWD)
■ 96-bit unique ID
■ All packages ECOPACK®2 compliant




Similar Part No. - STM32G071R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G071R8 STMICROELECTRONICS-STM32G071R8 Datasheet
1Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
Rev 3
STM32G071R8 STMICROELECTRONICS-STM32G071R8 Datasheet
2Mb / 135P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
23-Sep-2021
STM32G071R8I3XTR STMICROELECTRONICS-STM32G071R8I3XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071R8I6XTR STMICROELECTRONICS-STM32G071R8I6XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071R8I7XTR STMICROELECTRONICS-STM32G071R8I7XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
More results


Similar Description - STM32G071R8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com