Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS47L15 Datasheet (PDF) - Cirrus Logic

CS47L15 Datasheet PDF - Cirrus Logic
Part # CS47L15
Download  CS47L15 Download
File Size   4397.49 Kbytes
Page   279 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Smart Codec with Low-Power Audio DSP

CS47L15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS47L15 Datasheet PDF - Cirrus Logic

Part # CS47L15
Download  CS47L15 Click to download

File Size   4397.49 Kbytes
Page   279 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Smart Codec with Low-Power Audio DSP

CS47L15 Datasheet (HTML) - Cirrus Logic


CS47L15 Product details

Description
The CS47L15 is a highly integrated, low-power audio hub for smartphones, tablets, and other portable audio devices
including wearable technology. It combines an advanced DSP feature set with a flexible, high-performance audio hub
codec. The CS47L15 combines a programmable DSP core with a variety of power-efficient fixed-function audio
processors. An SPI master interface is provided, for autonomous boot-up and configuration using an external non-volatile
memory—enabling the CS47L15 to be used independently of a host processor.
The DSP core supports advanced audio processing functions such as wideband noise reduction, acoustic-echo
cancelation (AEC), speech enhancement, karaoke, and many more. Low-power analog and digital interfaces provide
flexible support for always-on voice applications and speaker-protection algorithms implemented on the programmable
DSP core. The DSP core is integrated within a fully flexible, all-digital mixing and routing engine with sample-rate
converters, for wide use-case flexibility. Support for third-party DSP programming provides far-reaching opportunities for
product differentiation.
Three digital audio interfaces are provided, each supporting a wide range of standard audio sample rates and serial
interface formats. Automatic sample-rate detection enables seamless wideband/narrowband voice-call handover. The
DACs and output paths provide full support for high definition audio throughout the entire signal chain.
The stereo headphone driver provides ground-referenced output, with noise levels as low as 0.45 VRMS for hi-fi quality
line or headphone output. The CS47L15 also features a mono bridge-tied load (BTL) earpiece output, mono 2.5-W Class D
speaker driver, two channels of stereo PDM output, and an IEC-60958-3–compatible S/PDIF transmitter. A signal
generator for controlling haptics devices is included; vibe actuators can connect directly to the Class D speaker output, or
via an external driver on the PDM output interface.
The CS47L15 supports up to five analog inputs, and up to four PDM digital inputs. As many as four analog microphone
connections can be supported; a separate analog input channel is provided for use in speaker-protection applications.
Microphone activity detection with interrupt is available. A smart accessory interface supports most standard 3.5-mm
accessories. Impedance sensing and measurement is provided for external accessory and push-button detection
(Android™ headset specification compliant).
The CS47L15 supports SPI™ and I2C interface modes for control-register access. The CS47L15 can also be configured
as SPI master, enabling autonomous boot-up and configuration without dependency on a host processor. Two integrated
FLLs support a wide range of system-clock frequencies. The device is powered from 1.8- and 1.2-V supplies. Separate
MICVDD input can be supported, for microphone operation above 1.8 V. An additional supply is required for the Class D
speaker drivers (typically direct connection to 4.2-V battery). The power, clocking, and output driver architectures are
designed to maximize battery life in voice, music, and standby modes. Low-power (25 W) Sleep Mode is supported, with
configurable wake-up events.

Features
• 150 MIPS, 150 MMAC audio-signal processor
— Low-power, always-on voice trigger capability
— Speaker protection algorithm support
— Event loggers with time-stamp and interrupt functions
• Programmable wideband audio processing
— Transmit-path noise reduction and echo cancelation
• Integrated multichannel 24-bit hi-fi audio hub codec
— 98-dB signal-to-noise ratio (SNR) mic input (48 kHz)
— 127-dB SNR headphone playback (48 kHz)
— Low-power analog input modes
• Up to four analog or four digital microphone (DMIC)
inputs
— Speaker-monitoring input path (analog or digital)
• Stereo headphone/earpiece/line output driver: 30 mW
into 32- load at 0.1% total harmonic distortion + noise
(THD+N)
• Earpiece, speaker, and digital (pulse-density modulation,
PDM) output interfaces
— Two-way stereo PDM interface
• Three full digital-audio interfaces
— Standard sample rates from 8 to 192 kHz
— Multichannel support on AIF1 and AIF2
• Self-boot capability from external non-volatile memory
• Flexible clocking, derived from MCLKn or AIFn
• Low-power frequency-locked loops (FLLs) support
reference clocks down to 32 kHz
• Advanced accessory detection functions
• Configurable functions on up to 15 general-purpose
input/output (GPIO) pins
• Small WLCSP package, 0.4-mm ball array

Applications
• Smartphones, tablets, and wearable technology
— Karaoke algorithm support




Similar Part No. - CS47L15

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
CS47L35 CIRRUS-CS47L35 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L35-CWZR CIRRUS-CS47L35-CWZR Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L85 CIRRUS-CS47L85 Datasheet
10Mb / 370P
Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
Rev 4.3 JUN 18
More results


Similar Description - CS47L15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com