Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJH11022 Datasheet (PDF) - ON Semiconductor

MJH11022 Datasheet PDF - ON Semiconductor
Part # MJH11022
Download  MJH11022 Download
File Size   193.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

MJH11022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJH11022 Datasheet PDF - ON Semiconductor

Part # MJH11022
Download  MJH11022 Click to download

File Size   193.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

MJH11022 Datasheet (HTML) - ON Semiconductor


MJH11022 Product details

Complementary Darlington Silicon Power Transistors

These devices are designed for use as general purpose amplifiers, low frequency switching and motor control applications.

Features
• High DC Current Gain @ 10 Adc — hFE = 400 Min (All Types)
• Collector−Emitter Sustaining Voltage
   VCEO(sus) = 150 Vdc (Min) — MJH11018, 17
                 = 200 Vdc (Min) — MJH11020, 19
                 = 250 Vdc (Min) — MJH11022, 21
• Low Collector−Emitter Saturation Voltage
   VCE(sat) = 1.2 V (Typ) @ IC = 5.0 A
               = 1.8 V (Typ) @ IC = 10 A
• Monolithic Construction
• Pb−Free Packages are Available*




Similar Part No. - MJH11022

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH11022 MOTOROLA-MJH11022 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJH11022 ONSEMI-MJH11022 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MJH11022 ONSEMI-MJH11022 Datasheet
100Kb / 8P
Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
logo
Inchange Semiconductor ...
MJH11022 ISC-MJH11022 Datasheet
313Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJH11022G ONSEMI-MJH11022G Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results


Similar Description - MJH11022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com