Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB62CA Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

P6SMB62CA Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # P6SMB62CA
Download  P6SMB62CA Download
File Size   69.35 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P6SMB62CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB62CA Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # P6SMB62CA
Download  P6SMB62CA Click to download

File Size   69.35 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P6SMB62CA Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


P6SMB62CA Product details

FEATURES

- Low profile package

- Ideal for automated placement

- Glass passivated junction

- Built-in strain relief

- Excellent clamping capability

- Typical IR less than 1μA above 10V

- Halogen-free according to IEC 61249-2-21 definition

- Fast response time: Typically less than 1.0ps from 0 volt to BV min

- Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC



 




Similar Part No. - P6SMB62CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB62CA CENTRAL-P6SMB62CA Datasheet
91Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Weitron Technology
P6SMB62CA WEITRON-P6SMB62CA Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Pan Jit International I...
P6SMB62CA PANJIT-P6SMB62CA Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P6SMB62CA TAITRON-P6SMB62CA Datasheet
369Kb / 6P
600W Surface Mount Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
P6SMB62CA MDE-P6SMB62CA Datasheet
161Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P6SMB62CA

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com