| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BTS7008-1EPP
|
1Mb / 55P |
PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15 |
|
BTS7008-2EPZ
|
1Mb / 61P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7040-1EPZ
|
1Mb / 59P |
PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7002-1EPP
|
1Mb / 55P |
PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15 |
|
BTS7004-1EPZ
|
1Mb / 57P |
PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7010-1EPA
|
1Mb / 58P |
PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15 |
|
BTS7008-2EPA
|
1Mb / 64P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15 |
|
BTS7012-1EPA
|
1Mb / 60P |
PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30 |
|
BTS7006-1EPP
|
1Mb / 55P |
PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15 |
|
BTS7006-1EPZ
|
1Mb / 57P |
PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |