Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV47C12 Datasheet (PDF) - STMicroelectronics

BZV47C12 Datasheet PDF - STMicroelectronics
Part # BZV47C12
Download  BZV47C12 Download
File Size   293.33 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W silicon Zener diodes

BZV47C12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV47C12 Datasheet PDF - STMicroelectronics

Part # BZV47C12
Download  BZV47C12 Click to download

File Size   293.33 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W silicon Zener diodes

BZV47C12 Datasheet (HTML) - STMicroelectronics


BZV47C12 Product details

DESCRIPTION

2W silicon Zener diodes.



■ VOLTAGE RANGE : 3.3V TO 200V

■ HERMETICALLY SEALED PLASTIC CASE

■ PACKAGE ACCORDING TO NORMALIZATION CCTU : F 126

■ PRO ELECTRON REGISTRATION

■ HIGH SURGE CAPABILITY (55W @ 10 ms)




Similar Part No. - BZV47C12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZV47C12 STMICROELECTRONICS-BZV47C12 Datasheet
61Kb / 4P
2W ZENER DIODES
Jan-1998
logo
New Jersey Semi-Conduct...
BZV47C12 NJSEMI-BZV47C12 Datasheet
194Kb / 3P
2W ZENER DIODES
More results


Similar Description - BZV47C12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZV47C5V1 STMICROELECTRONICS-BZV47C5V1 Datasheet
61Kb / 4P
2W ZENER DIODES
Jan-1998
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Diotech Company.
2EZ2.7D5 DIOTECH-2EZ2.7D5 Datasheet
650Kb / 3P
2W SILICON ZENER DIODE
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Diotech Company.
SZ403G DIOTECH-SZ403G Datasheet
755Kb / 2P
2W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
2EZ200D5 JINGHENG-2EZ200D5 Datasheet
71Kb / 2P
2W SILICON PLANAR ZENER DIODES
ZY200 JINGHENG-ZY200 Datasheet
72Kb / 2P
2W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZV47C5V1 NJSEMI-BZV47C5V1 Datasheet
194Kb / 3P
2W ZENER DIODES
logo
Shenzhen Luguang Electr...
2EZ LUGUANG-2EZ Datasheet
1Mb / 2P
2W Silicon Zener Diodes
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com