Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8245 Datasheet (PDF) - ATMEL Corporation

PC8245 Datasheet PDF - ATMEL Corporation
Part # PC8245
Download  PC8245 Download
File Size   429.58 Kbytes
Page   61 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Processor Family

PC8245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC8245 Datasheet PDF - ATMEL Corporation

Part # PC8245
Download  PC8245 Click to download

File Size   429.58 Kbytes
Page   61 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Processor Family

PC8245 Datasheet (HTML) - ATMEL Corporation


PC8245 Product details

Description
The PC8245 combines a PC603e core microprocessor with a PCI bridge. The PCI support on the PC8245 will allow system designers to rapidly design systems using peripherals already designed for PCI and the other standard interfaces. The PC8245 also integrates a high-performance memory controller which supports various types of ROM and SDRAM.

Features
• 300 MHz - 333 MHz To Be Confirmed-PC603e Processor Core Implementing the PowerPC® Architecture
• 32-bit PCI Interface Operating at up to 66 MHz
• Memory Controller Offering SDRAM Support up to 133 MHz Operation, Support up to 2 GB
• General Purpose I/O and ROM Interface Support
• Two Channel DMA Controller that Supports Chaining
• Messaging Unit with I2O Messaging Support Capability
• Industry-standard I2C Interface
• Programmable Interrupt Controller with Multiple Timers and Counters
• 16550-compatible DUART




Similar Part No. - PC8245

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC824 SHARP-PC824 Datasheet
74Kb / 5P
AC Input Photocoupler
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
Integrated Processor Family
logo
Sharp Corporation
PC824A SHARP-PC824A Datasheet
74Kb / 5P
AC Input Photocoupler
More results


Similar Description - PC8245

ManufacturerPart #DatasheetDescription
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
Integrated Processor Family
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
Family Radio Processor
logo
Freescale Semiconductor...
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com