Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33282 Datasheet (PDF) - ON Semiconductor

MC33282 Datasheet PDF - ON Semiconductor
Part # MC33282
Download  MC33282 Download
File Size   248.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE OPERATIONAL AMPLIFIERS

MC33282 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33282 Datasheet PDF - ON Semiconductor

Part # MC33282
Download  MC33282 Click to download

File Size   248.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE OPERATIONAL AMPLIFIERS

MC33282 Datasheet (HTML) - ON Semiconductor


MC33282 Product details

Low Input Offset, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifies



The MC33282/284 series of high performance operational amplifiers are quality fabricated with innovative bipolar and JFET design concepts. This dual and quad amplifier series incorporates JFET inputs along with a patented Zip–R–Trim® element for input offset voltage reduction.



The MC33282/284 series are specified over –40°to +85°C and are available in plastic DIP and SOIC surface mount packages.

•Low Input Offset Voltage: Trimmed to 200 µV

•Low Input Bias Current: 30 pA

•Low Input Offset Current: 6.0 pA

•High Input Resistance: 1012 Ω

•Low Noise: 18 nV  Hz √ @ 1.0 kHz

•High Gain Bandwidth Products: 35 MHz @ 100 kHz

•High Slew Rate: 15 V/µs

•Power Bandwidth: 175 kHz

•Unity Gain Stable: w/Capacitance Loads to 300 pF

•Large Output Voltage Swing: +14.1 V/–14.6 V

•Low Total Harmonic Distortion: 0.003%

•Power Supply Drain Current: 2.15 mA per Amplifier

•Dual Supply Operation:±2.5 V to ±18 V (Max)



 




Similar Part No. - MC33282

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MC33282 IRF-MC33282 Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results


Similar Description - MC33282

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
High Performance, BiFET Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com