Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLL5230A Datasheet (PDF) - Microsemi Corporation

MLL5230A Datasheet PDF - Microsemi Corporation
Part # MLL5230A
Download  MLL5230A Download
File Size   149.92 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW GLASS SURFACE MOUNT ZENER DIODES

MLL5230A Datasheet (PDF)

Go To PDF Page Download Datasheet
MLL5230A Datasheet PDF - Microsemi Corporation

Part # MLL5230A
Download  MLL5230A Click to download

File Size   149.92 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW GLASS SURFACE MOUNT ZENER DIODES

MLL5230A Datasheet (HTML) - Microsemi Corporation


MLL5230A Product details

DESCRIPTION
The  1N5221BUR  thru  1N5281BUR  series  of  0.5  watt  Zener  Voltage Regulators  provides  a  surface  mount  equivalent  to  the  popular  JEDEC registered  1N5221B  to  1N5281B  for  2.4  to  200  volts  in  standard  5% tolerances  as  well  as  tighter  tolerances  identified  by  different  suffix  letters  on the  part  number.  These  are  also  available  with  an  internal-metallurgical bond  option  by  adding  a  “-1”  suffix  (see  separate  data  sheet).  Microsemi also  offers  numerous  other  Zener  products  to  meet  higher  and  lower  power applications.

FEATURES
• Surface mount equivalentsto the JEDEC registered 1N5221 thru 1N5281B  series
• Hermetically sealed surface mount package
• RoHS Compliant devices available by adding “e3” suffix
• Internal metallurgical bond option available by adding a “-1” suffix (see separate data sheet for same part numbers with “-1” suffix)
• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N5221 thru 1N5281B series )

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Selection from 2.4 to 200 V
• Standard voltage tolerances are plus/minus 5% with B suffix identification and 10 % with A suffix
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - MLL5230A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL5230 MICROSEMI-MLL5230 Datasheet
87Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL5230 MICROSEMI-MLL5230 Datasheet
93Kb / 2P
LEADLESS GLASS ZENER DIODES
More results


Similar Description - MLL5230A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com