Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H124PG Datasheet (PDF) - ON Semiconductor

MC10H124PG Datasheet PDF - ON Semiconductor
Part # MC10H124PG
Download  MC10H124PG Download
File Size   79.2 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad TTL-to-MECL Translator With TTL Strobe Input

MC10H124PG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H124PG Datasheet PDF - ON Semiconductor

Part # MC10H124PG
Download  MC10H124PG Click to download

File Size   79.2 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad TTL-to-MECL Translator With TTL Strobe Input

MC10H124PG Datasheet (HTML) - ON Semiconductor


MC10H124PG Product details

Description
The MC10H124 is a quad translator for interfacing data and control signals between a saturated logic section and the MECL section of digital systems. The 10H part is a functional/pinout duplication of the standard MECL 10K™ family part, with 100% improvement in propagation delay, and no increase in power−supply current.
   
Features
• Propagation Delay, 1.5 ns Typical
• Improved Noise Margin 150 mV
    (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• Pb−Free Packages are Available*
   




Similar Part No. - MC10H124PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H124PG ONSEMI-MC10H124PG Datasheet
149Kb / 6P
Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
More results


Similar Description - MC10H124PG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
Quad TTL to MECL Translator
1996 REV 5
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
Quad MECL-to-TTL Translator
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
Quad MECL to TTL Translator
January, 2002 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com