Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE480A Datasheet (PDF) - First Silicon Co., Ltd

1.5KE480A Datasheet PDF - First Silicon Co., Ltd
Part # 1.5KE480A
Download  1.5KE480A Download
File Size   702.13 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V

1.5KE480A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE480A Datasheet PDF - First Silicon Co., Ltd

Part # 1.5KE480A
Download  1.5KE480A Click to download

File Size   702.13 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V

1.5KE480A Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - 1.5KE480A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE480A VISHAY-1.5KE480A Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Littelfuse
1.5KE480A LITTELFUSE-1.5KE480A Datasheet
123Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
Weitron Technology
1.5KE480A WEITRON-1.5KE480A Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
1.5KE480A VISHAY-1.5KE480A Datasheet
115Kb / 8P
TRANSZORB Transient Voltage Suppressors
20-Jun-06
logo
Galaxy Semi-Conductor H...
1.5KE480A BILIN-1.5KE480A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1.5KE480A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com