Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA1216P2 Datasheet (PDF) - Skyworks Solutions Inc.

ACA1216P2 Datasheet PDF - Skyworks Solutions Inc.
Part # ACA1216P2
Download  ACA1216P2 Download
File Size   477.1 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1218 MHz CATV MMIC Power Doubler

ACA1216P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA1216P2 Datasheet PDF - Skyworks Solutions Inc.

Part # ACA1216P2
Download  ACA1216P2 Click to download

File Size   477.1 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1218 MHz CATV MMIC Power Doubler

ACA1216P2 Datasheet (HTML) - Skyworks Solutions Inc.




Similar Part No. - ACA1216P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA1212 SKYWORKS-ACA1212 Datasheet
452Kb / 9P
ACA1212: 1.2 GHz CATV Line Amplifier MMIC
ACA1212P2 SKYWORKS-ACA1212P2 Datasheet
452Kb / 9P
ACA1212: 1.2 GHz CATV Line Amplifier MMIC
More results


Similar Description - ACA1216P2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
Skyworks Solutions Inc.
ACA2461 SKYWORKS-ACA2461 Datasheet
540Kb / 10P
1218 MHz CATV CATV Push-Pull Driver Amplifier
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
logo
Analog Devices
ADCA3992 AD-ADCA3992 Datasheet
272Kb / 9P
45 MHz to 1218 MHz, CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com