Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA0862BRS7P2 Datasheet (PDF) - Skyworks Solutions Inc.

ACA0862BRS7P2 Datasheet PDF - Skyworks Solutions Inc.
Part # ACA0862BRS7P2
Download  ACA0862BRS7P2 Download
File Size   1354.59 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1 GHz CATV Line Amplifier MMIC

ACA0862BRS7P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA0862BRS7P2 Datasheet PDF - Skyworks Solutions Inc.

Part # ACA0862BRS7P2
Download  ACA0862BRS7P2 Click to download

File Size   1354.59 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1 GHz CATV Line Amplifier MMIC

ACA0862BRS7P2 Datasheet (HTML) - Skyworks Solutions Inc.


ACA0862BRS7P2 Product details

PRODUCT DESCRIPTION
The ACA0862 family of surface mount monolithic GaAs RF Linear Amplifiers has been developed to replace, in new designs, the standard CATV Hybrid amplifiers currently in use. The ACA0862 can also replace the ACA0861 with the addition of tuning capacitors to the output (see Figure 3). The MMICs consist of two parallel amplifiers, each with 12 dB gain.

FEATURES
• 1 GHz Specified Performance
• Flat Gain
• Very Low Distortion
• Excellent Input/Output Match
• Low DC Power Consumption
• Good RF Stability with High VSWR Load Conditions
• Surface Mount Package Compatible with Automatic Assembly
• Low Cost
• Repeatability of Monolithic Fabrication
• Meets Cenelec Standard
• RoHS-Compliant Packaging




Similar Part No. - ACA0862BRS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0862BRS7P2 ANADIGICS-ACA0862BRS7P2 Datasheet
534Kb / 12P
1 GHz CATV Line Amplifier MMIC
Rev 2.1
logo
Skyworks Solutions Inc.
ACA0862BRS7P2 SKYWORKS-ACA0862BRS7P2 Datasheet
816Kb / 14P
1 GHz CATV Line Amplifier MMIC
More results


Similar Description - ACA0862BRS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
1 GHz CATV Line Amplifier
Rev 1.0
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
1 GHz CATV Line Amplifier MMIC
Rev 2.1
ACA1206 ANADIGICS-ACA1206_12 Datasheet
1Mb / 20P
1 GHz CATV Line Amplifier
Rev 1.5
ADA10000 ANADIGICS-ADA10000_12 Datasheet
748Kb / 20P
1 GHz CATV Amplifier
logo
Advanced Semiconductor ...
AWB51D2 ASB-AWB51D2 Datasheet
269Kb / 7P
1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB31D9 ASB-AWB31D9 Datasheet
823Kb / 17P
1.2 GHz CATV Push-pull Amplifier MMIC
October 2014
logo
Skyworks Solutions Inc.
ACA0862-B SKYWORKS-ACA0862-B Datasheet
816Kb / 14P
1 GHz CATV Line Amplifier MMIC
ACA1212 SKYWORKS-ACA1212 Datasheet
452Kb / 9P
ACA1212: 1.2 GHz CATV Line Amplifier MMIC
logo
Advanced Semiconductor ...
AWB31D9 ASB-AWB31D9_17 Datasheet
1Mb / 21P
1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
1 GHz CATV Line Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com