Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C66CESTG Datasheet (PDF) - Microchip Technology

93C66CESTG Datasheet PDF - Microchip Technology
Part # 93C66CESTG
Download  93C66CESTG Download
File Size   405.32 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K Microwire Compatible Serial EEPROM

93C66CESTG Datasheet (PDF)

Go To PDF Page Download Datasheet
93C66CESTG Datasheet PDF - Microchip Technology

Part # 93C66CESTG
Download  93C66CESTG Click to download

File Size   405.32 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K Microwire Compatible Serial EEPROM

93C66CESTG Datasheet (HTML) - Microchip Technology


93C66CESTG Product details

Description:

The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93XX66A devices are available, while the 93XX66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low-power, nonvolatile memory applications. The entire 93XX Series is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead

SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is available.



Features:

• Low-power CMOS technology

• ORG pin to select word size for ‘66C’ version

• 512 x 8-bit organization ‘A’ ver. devices (no ORG)

• 256 x 16-bit organization ‘B’ ver. devices (no ORG)

• Self-timed erase/write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power-on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device Status signal (Ready/Busy)

• Sequential read function

• 1,000,000 E/W cycles

• Data retention > 200 years

• Temperature ranges supported:

- Industrial (I) -40°C to +85°C

- Automotive (E) -40°C to +125°C




Similar Part No. - 93C66CESTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C66C MICROCHIP-93C66C Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93C66C MICROCHIP-93C66C Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93C66C-E/CH MICROCHIP-93C66C-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93C66C-E/MC MICROCHIP-93C66C-E/MC Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93C66C-E/MC MICROCHIP-93C66C-E/MC Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results


Similar Description - 93C66CESTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
4K 2.5V Microwire Serial EEPROM
1998 - 2000
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com