Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24256-BRMN6TP Datasheet (PDF) - STMicroelectronics

M24256-BRMN6TP Datasheet PDF - STMicroelectronics
Part # M24256-BRMN6TP
Download  M24256-BRMN6TP Download
File Size   454.29 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines

M24256-BRMN6TP Datasheet (PDF)

Go To PDF Page Download Datasheet
M24256-BRMN6TP Datasheet PDF - STMicroelectronics

Part # M24256-BRMN6TP
Download  M24256-BRMN6TP Click to download

File Size   454.29 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines

M24256-BRMN6TP Datasheet (HTML) - STMicroelectronics


M24256-BRMN6TP Product details

Description
The M24256 is a 256-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable Memory) organized as 32 K × 8 bits.

Features
• Compatible with all I2C bus modes:
    – 1 MHz
    – 400 kHz
    – 100 kHz
• Memory array:
    – 256 Kbit (32 Kbyte) of EEPROM
    – Page size: 64 byte
    – Additional Write lockable page (M24256-D order codes)
• Single supply voltage and high speed:
    – 1 MHz clock from 1.7 V to 5.5 V
• Write:
    – Byte Write within 5 ms
    – Page Write within 5 ms
• Operating temperature range:
    – from -40 °C up to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention




Similar Part No. - M24256-BRMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BRMN6TP STMICROELECTRONICS-M24256-BRMN6TP Datasheet
265Kb / 31P
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
16-Oct-2006
More results


Similar Description - M24256-BRMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Oct-2004
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
474Kb / 11P
128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
24-Feb-2000
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
16-Oct-2006
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
04-Mar-2010
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com