Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858BW Datasheet (PDF) - Diotec Semiconductor

BC858BW Datasheet PDF - Diotec Semiconductor
Part # BC858BW
Download  BC858BW Download
File Size   125.69 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose PNP Transistors

BC858BW Datasheet (PDF)

Go To PDF Page Download Datasheet
BC858BW Datasheet PDF - Diotec Semiconductor

Part # BC858BW
Download  BC858BW Click to download

File Size   125.69 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose PNP Transistors

BC858BW Datasheet (HTML) - Diotec Semiconductor


BC858BW Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation                200 mW
• Plastic case                        SOT-323
• Weight approx.                    0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC858BW

ManufacturerPart #DatasheetDescription
logo
Rohm
BC858BW ROHM-BC858BW Datasheet
167Kb / 4P
PNP General Purpose Transistor
logo
Siemens Semiconductor G...
BC858BW SIEMENS-BC858BW Datasheet
273Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC858BW DIODES-BC858BW Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Infineon Technologies A...
BC858BW INFINEON-BC858BW Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC858BW DIOTEC-BC858BW Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Similar Description - BC858BW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_17 Datasheet
141Kb / 2P
SMD General Purpose PNP Transistors
BC856 DIOTEC-BC856_17 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
MMBT2907A DIOTEC-MMBT2907A_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT3906 DIOTEC-MMBT3906_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT4403 DIOTEC-MMBT4403_18 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
MMBTA56 DIOTEC-MMBTA56 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
BC856 DIOTEC-BC856_18 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_18 Datasheet
179Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_1 Datasheet
180Kb / 2P
SMD General Purpose PNP Transistors
MMBTA56 DIOTEC-MMBTA56_18 Datasheet
127Kb / 2P
SMD General Purpose PNP Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com