Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM707 Datasheet (PDF) - STMicroelectronics

STM707 Datasheet PDF - STMicroelectronics
Part # STM707
Download  STM707 Download
File Size   530.87 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Supervisor

STM707 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM707 Datasheet PDF - STMicroelectronics

Part # STM707
Download  STM707 Click to download

File Size   530.87 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Supervisor

STM707 Datasheet (HTML) - STMicroelectronics


STM707 Product details

Description
The STM705/706/707/708/813L supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST).
These devices also offer a watchdog timer (except for STM707/708) as well as a power-fail comparator to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package.

Features
■ 5 V operating voltage
■ Precision VCC monitor
   – STM705/707/813L
   – 4.50 V ≤ VRST ≤ 4.75 V
   – STM706/708
   – 4.25 ≤ VRST ≤ 4.50 V
■ RST and RST outputs
■ 200 ms (typ) trec
■ Watchdog timer - 1.6 s (typ)
■ Manual reset input (MR)
■ Power-fail comparator (PFI/PFO)
■ Low supply current - 40 µA (typ)
■ Guaranteed RST (RST) assertion down to VCC = 1.0 V
■ Operating temperature: –40 °C to 85 °C (industrial grade)
■ RoHS compliance
   – Lead-free components are compliant with the RoHS directive




Similar Part No. - STM707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM707 STMICROELECTRONICS-STM707 Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM707ADS6E STMICROELECTRONICS-STM707ADS6E Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM707ADS6F STMICROELECTRONICS-STM707ADS6F Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM707AM6E STMICROELECTRONICS-STM707AM6E Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM707AM6F STMICROELECTRONICS-STM707AM6F Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
More results


Similar Description - STM707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
13-May-2002
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Apr-2004
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
5V or 3V NVRAM supervisor for up to two LPSRAMs
12-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com