| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
ICS85322
|
126Kb / 13P |
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001 |
|
ICS85320I
|
198Kb / 14P |
LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. A AUGUST 25, 2004 |
|
ICS85322I
|
160Kb / 13P |
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003 |
 Integrated Device Techn... |
ICS85320AMILF
|
1Mb / 16P |
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
|
|
ICS85320I
|
1Mb / 16P |
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
|
 ON Semiconductor |
MC100LVELT22
|
150Kb / 7P |
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12 |
 Integrated Device Techn... |
85320
|
215Kb / 16P |
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
|
 Renesas Technology Corp |
85320I
|
376Kb / 17P |
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1 |
|
85322
|
323Kb / 14P |
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016 |
|
ICS85322I
|
714Kb / 17P |
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014 |