Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431SC Datasheet (PDF) - ON Semiconductor

LM431SC Datasheet PDF - ON Semiconductor
Part # LM431SC
Download  LM431SC Download
File Size   260.8 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Shunt Regulator

LM431SC Datasheet (PDF)

Go To PDF Page Download Datasheet
LM431SC Datasheet PDF - ON Semiconductor

Part # LM431SC
Download  LM431SC Click to download

File Size   260.8 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Shunt Regulator

LM431SC Datasheet (HTML) - ON Semiconductor


LM431SC Product details

Description
The LM431SA / LM431SB / LM431SC are three−terminal the output adjustable regulators with thermal stability over operating temperature range. The output voltage can be set any value between VREF (approximately 2.5 V) and 36 V with two external resistors. These devices have a typical dynamic output impedance of 0.2 Ω. Active output circuit provides a sharp turn−on characteristic, making these devices excellent replacement for zener diodes in many applications.

Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2 Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C (Typical)
• Temperature Compensated for Operation Over Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn−on Response
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - LM431SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431SC FAIRCHILD-LM431SC Datasheet
88Kb / 10P
Programmable Shunt Regulator
LM431SC FAIRCHILD-LM431SC Datasheet
222Kb / 11P
Programmable Shunt Regulator
LM431SC FAIRCHILD-LM431SC Datasheet
117Kb / 11P
Programmable Shunt Regulator
LM431SCCM32X FAIRCHILD-LM431SCCM32X Datasheet
420Kb / 12P
Programmable Shunt Regulator
LM431SCCM3X FAIRCHILD-LM431SCCM3X Datasheet
420Kb / 12P
Programmable Shunt Regulator
More results


Similar Description - LM431SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com