Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-LLL005V1 Datasheet (PDF) - STMicroelectronics

STEVAL-LLL005V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-LLL005V1
Download  STEVAL-LLL005V1 Download
File Size   366.85 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app

STEVAL-LLL005V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-LLL005V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-LLL005V1
Download  STEVAL-LLL005V1 Click to download

File Size   366.85 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app

STEVAL-LLL005V1 Datasheet (HTML) - STMicroelectronics


STEVAL-LLL005V1 Product details

Description
The STP16CPC26 low voltage 16-bit constant current LED sink driver on the STEVAL-LLL005V1 evaluation board ensures a cost effective 6x10 LED matrix with individual LED control. The LED driver evaluation board includes a jumper to select between powering the board through a standard DC jack input or a USB Type-C connector, as well as two control switches. An Android app is also available for enhanced user experience and control. The SPBTLE-RF very low power module for Bluetooth Smart v4.1 allows communication with the board via your smartphone. The STM32F030 mainstream ARM Cortex-M0 Value line MCU with 64 Kbytes of Flash, 48 MHz CPU manages driving and transmission of data over BLE. Summary table STEVAL-LLL005V1 evaluation board STEVALLLL005V1 STP16CPC26 low voltage 16-bit constant current LED sink driver STP16CPC26 SPBTLE-RF very low power module for Bluetooth Smart v4.1 SPBTLE-RF STM32F030 mainstream ARM Cortex-M0 Value line MCU STM32F030 60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app STEVAL-LLL005V1 Data brief DB3478 - Rev 1 - January 2018 For further information contact your local STMicroelectronics sales office.

Features
■ Cost effective 16-bit LED driving scheme
■ Driver for 6x10 LED matrix with individual LED control and row-wise scanning
■ USB Type-C and DC jack connector for DC input power
■ Bluetooth Smart connectivity and Android application for hassle free demonstration
■ Connector for stacking multiple LED drivers in daisy chain configuration
■ Preconfigured demos (selected through on-board switches): – with brightness control – with speed control – with blink rate (flashing) control




Similar Part No. - STEVAL-LLL005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
RoHS compliant
November 2016 Rev 2
STEVAL-LLL009V1 STMICROELECTRONICS-STEVAL-LLL009V1 Datasheet
1Mb / 12P
300 W very high AC input voltage LED driver with digital power control
Rev 1 - November 2020
More results


Similar Description - STEVAL-LLL005V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
STMicroelectronics
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
STEVAL-BLUEPIRV1 STMICROELECTRONICS-STEVAL-BLUEPIRV1 Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com