| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
P89LPC920
|
877Kb / 45P |
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003 |
|
P89LPC901
|
1Mb / 55P |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003 |
|
P89LPC930
|
260Kb / 55P |
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004 |
|
P89LPC904
|
190Kb / 41P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004 |
|
P89LPC906
|
243Kb / 51P |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004 |
|
P89LPC9107
|
257Kb / 58P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005 |
|
P89LPC912
|
326Kb / 66P |
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007 |
|
P89LPC9102
|
291Kb / 61P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007 |
|
P89LPC920
|
238Kb / 46P |
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004 |
|
P89LPC930
|
277Kb / 55P |
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004 |