Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA15CP Datasheet (PDF) - Protek Devices

DA15CP Datasheet PDF - Protek Devices
Part # DA15CP
Download  DA15CP Download
File Size   124.74 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

DA15CP Datasheet (PDF)

Go To PDF Page Download Datasheet
DA15CP Datasheet PDF - Protek Devices

Part # DA15CP
Download  DA15CP Click to download

File Size   124.74 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

DA15CP Datasheet (HTML) - Protek Devices


DA15CP Product details

DESCRIPTION
The DA16 Series are high powered mult-line TVS arrays available in a 16 pin DIP package. This series is designed to protect monitoring and industrial equipment from the damaging effects of ESD, EFT and secondary transient threats.
The DA16 Series has a peak pulse power ratng of 800 Wats for an 8/20µs waveshape. This devices meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line
   Gnd) & Level 3(Line-Line)
• 800 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectonal & Bidirectonal Confguratons
• ESD Protecton > 25 kilovolts
• Available in Multple Voltages
• Protects 8 to 12 Lines
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Low Frequency I/O Ports
• RS-232 & RS-423 Data Lines
• Power Bus Lines
• Monitoring & Industrial Signal & Data Ports
• Microprocessor Based Equipment




Similar Part No. - DA15CP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA15CP PROTEC-DA15CP Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA15CP PROTEC-DA15CP Datasheet
568Kb / 5P
High powered multi-line tvs array
DA15CP PROTEC-DA15CP Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
More results


Similar Description - DA15CP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com