Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1590 Datasheet (PDF) - List of Unclassifed Manufacturers

2SC1590 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2SC1590
Download  2SC1590 Download
File Size   9.14 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon NPN Transistor RF Power Output

2SC1590 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1590 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2SC1590
Download  2SC1590 Click to download

File Size   9.14 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon NPN Transistor RF Power Output

2SC1590 Datasheet (HTML) - List of Unclassifed Manufacturers


2SC1590 Product details

The 2SC1590 is a silicon NPN epitaxial planer type transistor designed for 136-174MHz RF power amplifiers on VHF band mobile radio applications.

Features:
• High Power Gain: Gpe >/= 10dB (VCC = 13.5V, PO = 6W, f = 175MHz)
• Ability to Withstand more than 20:1 VSWR Load when Operated at: VCC = 15.2V, PO = 6W, f = 175MHz

Application:
• 4 to 5 Watt Output Power Amplifier Applications in VHF Band




Similar Part No. - 2SC1590

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1501 ETC-2SC1501 Datasheet
59Kb / 1P
Silicon PNP Triple-Diffused Planar Type
logo
Inchange Semiconductor ...
2SC1501 ISC-2SC1501 Datasheet
121Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1501 SAVANTIC-2SC1501 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
2SC1501 SAVANTIC-2SC1501 Datasheet
105Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1504 ISC-2SC1504 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC1590

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE317 NTE-NTE317 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE318 NTE-NTE318 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE470 NTE-NTE470 Datasheet
24Kb / 2P
Silicon NPN Transistor RF Power Output
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE476 NTE-NTE476 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE477 NTE-NTE477 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE339 NTE-NTE339 Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power Output
NTE341 NTE-NTE341 Datasheet
76Kb / 2P
Silicon NPN Transistor RF Power Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com