Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX16 Datasheet (PDF) - Vishay Siliconix

CX16 Datasheet PDF - Vishay Siliconix
Part # CX16
Download  CX16 Download

File Size   73.14 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature, Leaded Solid Tantalum Capacitors

CX16 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX16 Datasheet PDF - Vishay Siliconix

Part # CX16
Download  CX16 Click to download

File Size   73.14 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature, Leaded Solid Tantalum Capacitors

CX16 Datasheet (HTML) - Vishay Siliconix

CX16 Datasheet HTML 1Page - Vishay Siliconix CX16 Datasheet HTML 2Page - Vishay Siliconix CX16 Datasheet HTML 3Page - Vishay Siliconix

CX16 Product details

FEATURES
• Axial leads
• 2 to 35 VDC
• 0.1µF to 220µF
• Operating temperature range : - 55°C to + 85°C
• Qualified to MIL-PRF-49137




Similar Part No. - CX16

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
   Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
   Crystal units surface mount type
More results


Similar Description - CX16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com