Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4052899369597 Datasheet (PDF) - OSRAM GmbH

4052899369597 Datasheet PDF - OSRAM GmbH
Part # 4052899369597
Download  4052899369597 Download
File Size   189.52 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description PARATHOM CLASSIC A | LED lamps, classic bulb shape

4052899369597 Datasheet (PDF)

Go To PDF Page Download Datasheet
4052899369597 Datasheet PDF - OSRAM GmbH

Part # 4052899369597
Download  4052899369597 Click to download

File Size   189.52 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description PARATHOM CLASSIC A | LED lamps, classic bulb shape

4052899369597 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - 4052899369597

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4052899016682 OSRAM-4052899016682 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
4052899016699 OSRAM-4052899016699 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
4052899181137 OSRAM-4052899181137 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
4052899181144 OSRAM-4052899181144 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
4052899213333 OSRAM-4052899213333 Datasheet
209Kb / 6P
DULUX S 7 W/840
August 25, 2014
More results


Similar Description - 4052899369597

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
Adapter - EM RI-ADAPTER CLASSIC
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
PANDUIT CORP.
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
logo
Lapp.
00100004 LAPP-00100004 Datasheet
84Kb / 1P
OLFEX CLASSIC 100 300/500V
24.02.2022
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com