Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C22W Datasheet (PDF) - Diotec Semiconductor

BZX84C22W Datasheet PDF - Diotec Semiconductor
Part # BZX84C22W
Download  BZX84C22W Download
File Size   195.29 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Planar Zener Diodes

BZX84C22W Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C22W Datasheet PDF - Diotec Semiconductor

Part # BZX84C22W
Download  BZX84C22W Click to download

File Size   195.29 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Planar Zener Diodes

BZX84C22W Datasheet (HTML) - Diotec Semiconductor


BZX84C22W Product details

Features
    Sharp Zener voltage breakdown Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Voltage stabilization and regulators (For ESD protection, see ESDxx series) Commercial grade 1)

Mechanical Data 1)
    Taped and reeled 3000 / 7“
    Weight approx. 0.01 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - BZX84C22W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C22W PANJIT-BZX84C22W Datasheet
79Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
BZX84C22W DIODES-BZX84C22W Datasheet
59Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Micro Commercial Compon...
BZX84C22W MCC-BZX84C22W Datasheet
125Kb / 4P
Silicon 200 mWatt Zener Diodes
logo
Diodes Incorporated
BZX84C22W DIODES-BZX84C22W Datasheet
103Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 13 - 2
logo
Won-Top Electronics
BZX84C22W WTE-BZX84C22W Datasheet
59Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
More results


Similar Description - BZX84C22W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM1Z4689 DIOTEC-MM1Z4689_17 Datasheet
135Kb / 2P
SMD Planar Zener Diodes
MM5Z2V2B DIOTEC-MM5Z2V2B Datasheet
174Kb / 3P
SMD Planar Zener Diodes
BZT52B2V4 DIOTEC-BZT52B2V4_18 Datasheet
129Kb / 2P
SMD Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_1 Datasheet
130Kb / 2P
SMD Planar Zener Diodes
BZX84C2V4 DIOTEC-BZX84C2V4_18 Datasheet
188Kb / 3P
SMD Planar Zener Diodes
MM1Z4728A DIOTEC-MM1Z4728A Datasheet
149Kb / 2P
SMD Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_18 Datasheet
149Kb / 2P
SMD Planar Zener Diodes
MMS3Z2B4 DIOTEC-MMS3Z2B4 Datasheet
178Kb / 3P
SMD Planar Zener Diodes
MMSZ5231C DIOTEC-MMSZ5231C Datasheet
135Kb / 2P
SMD Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_19 Datasheet
151Kb / 3P
SMD Planar Zener Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com