Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRV4FLGJS102ML Datasheet (PDF) - Vishay Siliconix

PRV4FLGJS102ML Datasheet PDF - Vishay Siliconix
Part # PRV4FLGJS102ML
Download  PRV4FLGJS102ML Download
File Size   107.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Industrial Potentiometer

PRV4FLGJS102ML Datasheet (PDF)

Go To PDF Page Download Datasheet
PRV4FLGJS102ML Datasheet PDF - Vishay Siliconix

Part # PRV4FLGJS102ML
Download  PRV4FLGJS102ML Click to download

File Size   107.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Industrial Potentiometer

PRV4FLGJS102ML Datasheet (HTML) - Vishay Siliconix


PRV4FLGJS102ML Product details

• High power rating 2 W at 70 °C
• Full sealing
• Low contact resistance variation (1 % typical)
• Robust nickel plated brass shaft
• Use of faston 2.86 connections
• Cermet element
• Center detent option
• Test according to CECC 41000 or IEC 60393-1
• Electrical performance in accordance with MIL-PRF-94
standards




Similar Part No. - PRV4FLGJS102ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV4FLGJS102ML VISHAY-PRV4FLGJS102ML Datasheet
106Kb / 5P
Industrial Potentiometer
22-Sep-15
PRV4FLGJS102MLCV1M VISHAY-PRV4FLGJS102MLCV1M Datasheet
94Kb / 5P
Industrial Potentiometer
21-Nov-2022
More results


Similar Description - PRV4FLGJS102ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7312S-1K-XXXX-C-SW1 ETC1-7312S-1K-XXXX-C-SW1 Datasheet
75Kb / 2P
Industrial Potentiometer
logo
Vishay Siliconix
PRV4 VISHAY-PRV4 Datasheet
140Kb / 4P
Industrial Potentiometer
21-Sep-06
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
POTENTIOMETER
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
Vishay Siliconix
UIPMA VISHAY-UIPMA Datasheet
288Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
22-Jan-18
UIPMA VISHAY-UIPMA_V01 Datasheet
265Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
20-Sep-2022
PRV4 VISHAY-PRV4_V01 Datasheet
94Kb / 5P
Industrial Potentiometer
21-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com