Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP65R420CFD Datasheet (PDF) - Inchange Semiconductor Company Limited

IPP65R420CFD Datasheet PDF - Inchange Semiconductor Company Limited
Part # IPP65R420CFD
Download  IPP65R420CFD Download
File Size   339.05 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IPP65R420CFD Datasheet (PDF)

Go To PDF Page Download Datasheet
IPP65R420CFD Datasheet PDF - Inchange Semiconductor Company Limited

Part # IPP65R420CFD
Download  IPP65R420CFD Click to download

File Size   339.05 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IPP65R420CFD Datasheet (HTML) - Inchange Semiconductor Company Limited


IPP65R420CFD Product details

• DESCRIPTION 
• Provide all benefits of a fast switching SJ MOSFET while offering
   an extremely fast and robust body diode

• FEATURES 
• Static drain-source on-resistance:
   RDS(on) ≤0.42Ω ·Enhancement mode 
• Fast Switching Speed 
• 100% avalanche tested 
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - IPP65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP65R420CFD INFINEON-IPP65R420CFD Datasheet
7Mb / 21P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPP65R420CFD INFINEON-IPP65R420CFD Datasheet
4Mb / 21P
Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.5
More results


Similar Description - IPP65R420CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com