Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3910 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRFR3910 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRFR3910
Download  IRFR3910 Download
File Size   335.48 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFR3910 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR3910 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRFR3910
Download  IRFR3910 Click to download

File Size   335.48 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFR3910 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRFR3910 Product details

• DESCRITION
• Fast switching

• FEATURES
• Static drain-source on-resistance:
   RDS(on)≤115mΩ
• Enhancement mode:
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - IRFR3910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3910 IRF-IRFR3910 Datasheet
141Kb / 10P
Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
logo
Kersemi Electronic Co.,...
IRFR3910 KERSEMI-IRFR3910 Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
Guangdong Youtai Semico...
IRFR3910 UMW-IRFR3910 Datasheet
772Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
logo
EVER SEMICONDUCTOR CO.,...
IRFR3910 EVVOSEMI-IRFR3910 Datasheet
723Kb / 7P
MOSFET
Rev:2023A2
logo
International Rectifier
IRFR3910PBF IRF-IRFR3910PBF Datasheet
393Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRFR3910

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com