YR1B412RCC
AI

The **YR1B412RCC** is a precision metal film resistor manufactured by TE Connectivity (under the Neohm brand). It is designed for applications where high stability, low noise, and tight tolerances are critical.
---
### 1. Technical Specifications
The part number "YR1B412RCC" follows a specific coding structure that defines its electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 412 $\Omega$ | Identified by the "412R" code |
| **Tolerance** | ±0.1% | High precision (indicated by the "B" code) |
| **Power Rating** | 0.25 W (1/4 Watt) | Standard for through-hole signal resistors |
| **Temperature Coefficient** | ±15 ppm/°C | Extremely low drift over temperature |
| **Maximum Voltage** | 250V | Maximum operating voltage |
| **Construction** | Metal Film | Provides better stability than carbon film |
---
### 2. Key Features and Construction
* **Precision:** The 0.1% tolerance ensures that the actual resistance is between 411.588 $\Omega$ and 412.412 $\Omega$.
* **Stability:** The metal film is deposited onto a high-grade ceramic body. This construction results in very low noise and high reliability under load.
* **Coating:** Usually coated with multiple layers of epoxy resin to provide excellent mechanical and environmental protection.
* **Termination:** Features thin-lead wires (usually tin-plated copper) suitable for soldering into through-hole PCBs.
---
### 3. Applications
Due to its high precision and low temperature drift (15ppm), the YR1B412RCC is typically used in:
1. **Measurement Instrumentation:** Bridge circuits and precision scales.
2. **Medical Equipment:** Monitoring devices requiring stable signal processing.
3. **Audio Processing:** High-end audio circuitry where low thermal noise is required.
4. **Industrial Controls:** Feedback loops and sensor calibration.
---
### 4. Part Number Breakdown
The code **YR1B412RCC** can be decoded as follows:
| Code Segment | Meaning |
| :--- | :--- |
| **YR** | Series Name (Neohm Precision Metal Film) |
| **1** | Power Rating (1 = 0.25W) |
| **B** | Tolerance (B = ±0.1%) |
| **412R** | Resistance Value (412 Ohms) |
| **C** | Temperature Coefficient (C = ±15ppm/°C) |
| **C** | Packaging (C = Boxed/Loose) |
- ⤷
What are the equivalent alternatives for the YR1B series if this part is out of stock?
- ⤷ How does the 15ppm temperature coefficient affect performance compared to standard 100ppm resistors?
- ⤷ Can this resistor be used in high-frequency RF applications?