YB2-25CWCKS1
AI

## Technical Overview: YB2-25CWCKS1
The **YB2-25CWCKS1** is a high-quality, professional-grade pushbutton switch manufactured by **NKK Switches**. It belongs to the YB2 Series, which is known for its tamper-resistant design and space-saving features.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Circuitry** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-(ON) / Momentary (Spring Return) |
| **Current Rating** | 5A @ 125VAC / 250VAC; 3A @ 30VDC |
| **Terminal Type** | Solder Lug / Quick Connect |
| **Mounting Type** | Panel Mount, Threaded (16mm hole) |
| **Illumination** | Non-Illuminated (in this specific configuration) |
| **Protection Rating** | IP65 (Dust tight and water jet protected) |
---
### 2. Physical Design & Construction
The YB2 series is designed for durability and tactile feedback. The parts of this specific model include:
* **Actuator (Button):** Square-shaped with a metallic "Silver" finish (CWC). It features a flush mount design to prevent accidental activation.
* **Housing:** Short body design, which is ideal for shallow panels where behind-panel depth is limited (1.122" or 28.5mm).
* **Contacts:** Silver alloy contacts provide high reliability and a long electrical life cycle.
* **Sealing:** Includes an internal o-ring and external rubber washer to achieve the **IP65 rating**, making it suitable for harsh environments.
---
### 3. Electrical Functionality (DPDT Momentary)
* **DPDT (Double Pole Double Throw):** This switch controls two separate circuits simultaneously. Each "pole" can toggle between two different "throws" (outputs).
* **Momentary Action:** The switch only stays in the "Active" position while it is being pressed. Once released, it springs back to its default state.
* **Mechanical Life:** Rated for approximately 1,000,000 operations.
* **Electrical Life:** Rated for approximately 100,000 operations at full load.
---
### 4. Component Part Number Breakdown
To understand the specific features, the part number is decoded as follows:
| Code | Meaning |
| :--- | :--- |
| **YB2** | Series Name (Square/Round Pushbutton) |
| **25** | Circuit Configuration (DPDT) |
| **CW** | Tamper Resistant / Shorter Body |
| **CK** | Silver Contacts / Solder Lug Terminals |
| **S1** | Square Cap with Metallic Finish |
---
- ⤷
What is the difference between DPDT and SPDT in the YB2 series?
- ⤷ Does this model support LED illumination upgrades?
- ⤷ What is the recommended panel thickness for mounting the YB2-25CWCKS1?